Part Number Hot Search : 
DRC4143X ACM1602W 1N4934 TA0627A MJD47 EC110 BAS21 M4001
Product Description
Full Text Search
 

To Download ESMQ201VSN102MA25S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMQ SERIES
SMQ Series
Snap Mount Downsize Large Capacitance RoHS Compliant 85 C Maximum Temperature
Engineering Bulletin Mar 07
SNAP MOUNT 85 C
SMQ
The SMQ series is a high voltage snap-in capacitor series that offers downsized versions of the current miniaturized SMM series. These capacitors have a rated lifetime of 2,000 hours at 85 C with the rated ripple current applied. With high ripple current capability and higher CV per case size than the SMM series, the SMQ capacitors are suitable for many downsized power supply circuits. The standard SMQ capacitors have a 2-pin snap-in terminal style. The SMQ series is RoHS compliant offering Pb-free construction and PET (polyester ) sleeves with no end disk as the standard. The standard SMQ series capacitors are not solvent proof. Refer to guidelines and precautions on the website for usage and installation conditions recommended for United Chemi-Con products.
Summary of Specifications
PC board 2-pin snap-in terminals. Capacitance range: 82 to 3,900F. Voltage range: 160 to 450VDC. Category temperature range: 25 C to 85 C. Leakage current: 3 CV (A) maximum after 5 minutes at
20 C.
Standard capacitance tolerance: 20% Nominal case size (D L): 22 25mm to 35 50mm. Rated lifetime: 2,000 hours at 85 C with the rated ripple current applied.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 7
SMQ Series
SMQ Specifications - Snap Mount
Item Category Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Leakage Current 25 to 85 C Characteristics
Engineering Bulletin Mar 07
160 to 450VDC 82 to 3,900 F 20% ( M ) at 20 C, 120Hz 20 C.
I 3 CV ( A ) after 5 minutes at At 20 C, 120Hz
160 - 250 0.15
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Dissipation Factor ( Tan )
Rated Voltage ( V ) Tan ( DF ) Max.
315 - 400 0.15
420, 450 0.20
Low Temperature Characteristics
At 120Hz, impedance ( Z ) ratio between the the values given below.
Rated Voltage ( V ) Z ( 25 C ) / Z ( 20 C ) 160 - 250 4
25 C value and
420, 450 8
20 C value shall not exceed
315 - 400 8
Rated Ripple Current Multipliers
Frequency (Hz )
DC Rated Voltage 160 - 250V 315 - 450V 50Hz 0.81 0.77 120Hz 1.00 1.00 300Hz 1.17 1.16 1kHz 1.32 1.30 10kHz 1.45 1.41 50kHz 1.50 1.43
SNAP MOUNT 85 C
Endurance (Load Life)
SMQ
The following specifications shall be satisfied when the capacitors are restored to 20 C after subjecting them to DC voltage for 2,000 hours at 85 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: 20% of initial measured value Tan ( DF ) : 200% of initial specified value Leakage current : initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20 C after exposing them for 1,000 hours at 85 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: 15% of initial measured value Tan ( DF ) : 150% of initial specified value Leakage current : initial specified value
Diagram of Dimensions - Snap Mount
Snap Mount
Type VSN O22~O35
PET Sleeve See Pin Detail PC board pin-out
Unit: mm
VS Pin Dimensions
W2
10 2-2x
W1 Edge of can
D1
P
* Vent
L
2
W
Standard design does not have a plastic end disk. Type VSN P 4.0 0.5 1.5 W 0.2 W1 1.0 W2 1.0
*Vent may be located either on the bottom or side of the can.
2/7
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
SMQ Series
Part Numbering System for SMQ Series
18 Fields
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Engineering Bulletin Mar 07
When ordering, always specify complete 18-field global part number.
E SMQ 4 5 1 V S N 3 9 1 MR 4 0 S
9
8
7
6
5
4
3
2
1
Supplement Code. Field 18. All construction options listed have Sn100% terminal plating. S = PET sleeve without end disk. W = PET sleeve with end disk. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. P = O22mm Q = O25.4mm R = O30mm A = O35mm The double digit length code is inserted in fields 16 and 17. 25 = 25mm 30 = 30mm 35 = 35mm 40 = 40mm 45 = 45mm 50 = 50mm Capacitance Tolerance. Field 14. M = 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 3R9 = 3.9 F; 390 = 39 F; 391 = 390 F; 392 = 3,900 F; 393 = 39,000 F ). Dummy Terminals. Field 10. N = No dummy terminals. Terminal Type. Fields 8 and 9. VS = Snap-in pins. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 4R5 = 4.5VDC; 450 = 45VDC; 451 = 400VDC). Rule Exception: Coding for rated voltage 315VDC = 3B1. Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar).
SNAP MOUNT 85 C
SMQ
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/7
SMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 85 C, 120Hz
2.25 2.5 2.75 3.0 3.25 3.73 3.0 3.25 3.73 4.2 3.25 3.73 4.2 4.78 3.73 4.2 4.78 5.45 5.75 6.0 2.08 2.25 2.5 2.75 3.0 3.31 2.5 2.75 3.0 3.31 3.83 4.32 3.0 3.31 3.83 4.32 4.92 3.31 3.83 4.32 4.92 5.52 5.75 1.68 1.85 2.43 2.68 2.93 3.25 2.43 2.68 2.93 3.25 3.5 3.87 2.93 3.25
160 Volts
200 Volts Surge
560 680 820 1,000 1,200 1,500 1,000 1,200 1,500 1,800 1,200 1,500 1,800 2,200 1,500 1,800 2,200 2,700 3,300 3,900 470 560 680 820 1,000 1,200 680 820 1,000 1,200 1,500 1,800 1,000 1,200 1,500 1,800 2,200 1,200 1,500 1,800 2,200 2,700 3,300 390 470 560 680 820 1,000 560 680 820 1,000 1,200 1,500 820 1,000
ESMQ161VSN561MP25S ESMQ161VSN681MP30S ESMQ161VSN821MP35S ESMQ161VSN102MP40S ESMQ161VSN122MP45S ESMQ161VSN152MP50S ESMQ161VSN102MQ30S ESMQ161VSN122MQ35S ESMQ161VSN152MQ40S ESMQ161VSN182MQ45S ESMQ161VSN122MR25S ESMQ161VSN152MR30S ESMQ161VSN182MR35S ESMQ161VSN222MR40S ESMQ161VSN152MA25S ESMQ161VSN182MA30S ESMQ161VSN222MA35S ESMQ161VSN272MA40S ESMQ161VSN332MA45S ESMQ161VSN392MA50S ESMQ181VSN471MP25S ESMQ181VSN561MP30S ESMQ181VSN681MP30S ESMQ181VSN821MP35S ESMQ181VSN102MP45S ESMQ181VSN122MP50S ESMQ181VSN681MQ25S ESMQ181VSN821MQ30S ESMQ181VSN102MQ35S ESMQ181VSN122MQ40S ESMQ181VSN152MQ45S ESMQ181VSN182MQ50S ESMQ181VSN102MR25S ESMQ181VSN122MR30S ESMQ181VSN152MR35S ESMQ181VSN182MR40S ESMQ181VSN222MR45S ESMQ181VSN122MA25S ESMQ181VSN152MA30S ESMQ181VSN182MA30S ESMQ181VSN222MA40S ESMQ181VSN272MA45S ESMQ181VSN332MA50S ESMQ201VSN391MP25S ESMQ201VSN471MP30S ESMQ201VSN561MP30S ESMQ201VSN681MP35S ESMQ201VSN821MP40S ESMQ201VSN102MP45S ESMQ201VSN561MQ25S ESMQ201VSN681MQ30S ESMQ201VSN821MQ30S ESMQ201VSN102MQ35S ESMQ201VSN122MQ40S ESMQ201VSN152MQ50S ESMQ201VSN821MR25S ESMQ201VSN102MR30S
22 22 22 22 22 22 25.4 25.4 25.4 25.4 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30
25 30 35 40 45 50 30 35 40 45 25 30 35 40 25 30 35 40 45 50 25 30 30 35 45 50 25 30 35 40 45 50 25 30 35 40 45 25 30 30 40 45 50 25 30 30 35 40 45 25 30 30 35 40 50 25 30
P25 P30 P35 P40 P45 P50 Q30 Q35 Q40 Q45 R25 R30 R35 R40 A25 A30 A35 A40 A45 A50 P25 P30 P30 P35 P45 P50 Q25 Q30 Q35 Q40 Q45 Q50 R25 R30 R35 R40 R45 A25 A30 A30 A40 A45 A50 P25 P30 P30 P35 P40 P45 Q25 Q30 Q30 Q35 Q40 Q50 R25 R30
0.444 0.366 0.303 0.249 0.207 0.166 0.249 0.207 0.166 0.138 0.207 0.166 0.138 0.113 0.166 0.138 0.113 0.092 0.075 0.064 0.529 0.444 0.366 0.303 0.249 0.207 0.366 0.303 0.249 0.207 0.166 0.138 0.249 0.207 0.166 0.138 0.113 0.207 0.166 0.138 0.113 0.092 0.075 0.638 0.529 0.444 0.366 0.303 0.249 0.444 0.366 0.303 0.249 0.207 0.166 0.303 0.249
SNAP MOUNT 85 C
SMQ
180 Volts
225 Volts Surge
200 Volts
250 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
4/7
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
SMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 85 C, 120Hz
3.5 3.87 4.32 4.92 3.25 3.5 3.87 4.32 4.92 5.45 1.31 1.75 1.91 2.11 2.25 2.5 2.77 1.91 2.11 2.25 2.5 2.77 3.32 2.25 2.5 2.77 3.32 3.53 4.04 2.77 3.32 3.53 4.04 4.55 1.21 1.41 1.6 1.82 2.01 2.27 1.82 2.01 2.27 2.56 1.82 2.01 2.27 2.56 2.87 3.25 3.63 2.27 2.56 2.87 3.25 3.63
200 Volts
250 Volts Surge
1,200 1,500 1,800 2,200 1,000 1,200 1,500 1,800 2,200 2,700 270 330 390 470 560 680 820 390 470 560 680 820 1,000 560 680 820 1,000 1,200 1,500 820 1,000 1,200 1,500 1,800 180 220 270 330 390 470 330 390 470 560 330 390 470 560 680 820 1,000 470 560 680 820 1,000
ESMQ201VSN122MR30S ESMQ201VSN152MR35S ESMQ201VSN182MR45S ESMQ201VSN222MR50S ESMQ201VSN102MA25S ESMQ201VSN122MA30S ESMQ201VSN152MA30S ESMQ201VSN182MA35S ESMQ201VSN222MA40S ESMQ201VSN272MA50S ESMQ251VSN271MP25S ESMQ251VSN331MP30S ESMQ251VSN391MP30S ESMQ251VSN471MP35S ESMQ251VSN561MP40S ESMQ251VSN681MP45S ESMQ251VSN821MP50S ESMQ251VSN391MQ25S ESMQ251VSN471MQ30S ESMQ251VSN561MQ30S ESMQ251VSN681MQ35S ESMQ251VSN821MQ40S ESMQ251VSN102MQ45S ESMQ251VSN561MR25S ESMQ251VSN681MR30S ESMQ251VSN821MR30S ESMQ251VSN102MR35S ESMQ251VSN122MR40S ESMQ251VSN152MR50S ESMQ251VSN821MA25S ESMQ251VSN102MA30S ESMQ251VSN122MA35S ESMQ251VSN152MA40S ESMQ251VSN182MA45S ESMQ3B1VSN181MP25S ESMQ3B1VSN221MP30S ESMQ3B1VSN271MP30S ESMQ3B1VSN331MP40S ESMQ3B1VSN391MP45S ESMQ3B1VSN471MP50S ESMQ3B1VSN331MQ30S ESMQ3B1VSN391MQ35S ESMQ3B1VSN471MQ40S ESMQ3B1VSN561MQ45S ESMQ3B1VSN331MR25S ESMQ3B1VSN391MR30S ESMQ3B1VSN471MR30S ESMQ3B1VSN561MR35S ESMQ3B1VSN681MR40S ESMQ3B1VSN821MR45S ESMQ3B1VSN102MR50S ESMQ3B1VSN471MA25S ESMQ3B1VSN561MA30S ESMQ3B1VSN681MA35S ESMQ3B1VSN821MA40S ESMQ3B1VSN102MA45S
30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 30 30 30 30 30 30 30 35 35 35 35 35
30 35 45 50 25 30 30 35 40 50 25 30 30 35 40 45 50 25 30 30 35 40 45 25 30 30 35 40 50 25 30 35 40 45 25 30 30 40 45 50 30 35 40 45 25 30 30 35 40 45 50 25 30 35 40 45
R30 R35 R45 R50 A25 A30 A30 A35 A40 A50 P25 P30 P30 P35 P40 P45 P50 Q25 Q30 Q30 Q35 Q40 Q45 R25 R30 R30 R35 R40 R50 A25 A30 A35 A40 A45 P25 P30 P30 P40 P45 P50 Q30 Q35 Q40 Q45 R25 R30 R30 R35 R40 R45 R50 A25 A30 A35 A40 A45
0.207 0.166 0.138 0.113 0.249 0.207 0.166 0.138 0.113 0.092 0.921 0.754 0.638 0.529 0.444 0.366 0.303 0.638 0.529 0.444 0.366 0.303 0.249 0.444 0.366 0.303 0.249 0.207 0.166 0.303 0.249 0.207 0.166 0.138 1.382 1.13 0.921 0.754 0.638 0.529 0.754 0.638 0.529 0.444 0.754 0.638 0.529 0.444 0.366 0.303 0.249 0.529 0.444 0.366 0.303 0.249
250 Volts
300 Volts Surge
SNAP MOUNT 85 C
SMQ
315 Volts
365 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/7
SMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 85 C, 120Hz
1.12 1.22 1.44 1.66 1.88 2.06 1.66 1.88 2.06 2.4 2.6 2.06 2.4 2.6 2.96 3.25 2.06 2.4 2.6 2.96 3.25 3.54 1.02 1.16 1.44 1.49 1.67 1.9 1.49 1.67 1.9 2.13 2.39 1.67 1.9 2.13 2.39 2.69 2.96 1.9 2.13 2.39 2.69 2.96 3.25 0.97 1.08 1.30 1.48 1.65 1.94 1.30 1.48 1.65 1.94 2.17 2.27
350 Volts
400 Volts Surge
150 180 220 270 330 390 270 330 390 470 560 390 470 560 680 820 390 470 560 680 820 1,000 120 150 180 220 270 330 220 270 330 390 470 270 330 390 470 560 680 330 390 470 560 680 820 100 120 150 180 220 270 150 180 220 270 330 390
ESMQ351VSN151MP25S ESMQ351VSN181MP30S ESMQ351VSN221MP35S ESMQ351VSN271MP40S ESMQ351VSN331MP45S ESMQ351VSN391MP50S ESMQ351VSN271MQ30S ESMQ351VSN331MQ35S ESMQ351VSN391MQ40S ESMQ351VSN471MQ45S ESMQ351VSN561MQ50S ESMQ351VSN391MR30S ESMQ351VSN471MR35S ESMQ351VSN561MR40S ESMQ351VSN681MR45S ESMQ351VSN821MR50S ESMQ351VSN391MA25S ESMQ351VSN471MA30S ESMQ351VSN561MA30S ESMQ351VSN681MA35S ESMQ351VSN821MA45S ESMQ351VSN102MA50S ESMQ401VSN121MP25S ESMQ401VSN151MP30S ESMQ401VSN181MP35S ESMQ401VSN221MP40S ESMQ401VSN271MP45S ESMQ401VSN331MP50S ESMQ401VSN221MQ30S ESMQ401VSN271MQ35S ESMQ401VSN331MQ40S ESMQ401VSN391MQ45S ESMQ401VSN471MQ50S ESMQ401VSN271MR25S ESMQ401VSN331MR30S ESMQ401VSN391MR35S ESMQ401VSN471MR40S ESMQ401VSN561MR45S ESMQ401VSN681MR50S ESMQ401VSN331MA25S ESMQ401VSN391MA30S ESMQ401VSN471MA30S ESMQ401VSN561MA35S ESMQ401VSN681MA40S ESMQ401VSN821MA45S ESMQ421VSN101MP25S ESMQ421VSN121MP25S ESMQ421VSN151MP30S ESMQ421VSN181MP35S ESMQ421VSN221MP40S ESMQ421VSN271MP50S ESMQ421VSN151MQ25S ESMQ421VSN181MQ30S ESMQ421VSN221MQ35S ESMQ421VSN271MQ35S ESMQ421VSN331MQ45S ESMQ421VSN391MQ50S
22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4
25 30 35 40 45 50 30 35 40 45 50 30 35 40 45 50 25 30 30 35 45 50 25 30 35 40 45 50 30 35 40 45 50 25 30 35 40 45 50 25 30 30 35 40 45 25 25 30 35 40 50 25 30 35 35 45 50
P25 P30 P35 P40 P45 P50 Q30 Q35 Q40 Q45 Q50 R30 R35 R40 R45 R50 A25 A30 A30 A35 A45 A50 P25 P30 P35 P40 P45 P50 Q30 Q35 Q40 Q45 Q50 R25 R30 R35 R40 R45 R50 A25 A30 A30 A35 A40 A45 P25 P25 P30 P35 P40 P50 Q25 Q30 Q35 Q35 Q45 Q50
1.658 1.382 1.13 0.921 0.754 0.638 0.921 0.754 0.638 0.529 0.444 0.638 0.529 0.444 0.366 0.303 0.638 0.529 0.444 0.366 0.303 0.249 2.072 1.658 1.382 1.13 0.921 0.754 1.13 0.921 0.754 0.638 0.529 0.921 0.754 0.638 0.529 0.444 0.366 0.754 0.638 0.529 0.444 0.366 0.303 3.315 2.763 2.21 1.842 1.507 1.228 2.21 1.842 1.507 1.228 1.005 0.85
SNAP MOUNT 85 C
SMQ
400 Volts
450 Volts Surge
420 Volts
470 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
6/7
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
SMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 85 C, 120Hz
1.65 1.94 2.17 2.27 2.61 2.82 2.17 2.27 2.61 2.82 3.11 0.83 0.93 1.04 1.19 1.35 1.55 1.78 1.19 1.35 1.55 1.78 2.01 1.55 1.78 2.01 2.24 2.53 2.82 1.55 2.01 2.24 2.53 2.82
420 Volts
470 Volts Surge
220 270 330 390 470 560 330 390 470 560 680 82 100 120 150 180 220 270 150 180 220 270 330 220 270 330 390 470 560 220 330 390 470 560
ESMQ421VSN221MR25S ESMQ421VSN271MR30S ESMQ421VSN331MR35S ESMQ421VSN391MR35S ESMQ421VSN471MR40S ESMQ421VSN561MR50S ESMQ421VSN331MA30S ESMQ421VSN391MA30S ESMQ421VSN471MA35S ESMQ421VSN561MA40S ESMQ421VSN681MA45S ESMQ451VSN820MP25S ESMQ451VSN101MP25S ESMQ451VSN121MP30S ESMQ451VSN151MP35S ESMQ451VSN181MP40S ESMQ451VSN221MP45S ESMQ451VSN271MP50S ESMQ451VSN151MP25S ESMQ451VSN181MP30S ESMQ451VSN221MP40S ESMQ451VSN271MP40S ESMQ451VSN331MP50S ESMQ451VSN221MR30S ESMQ451VSN271MR30S ESMQ451VSN331MR40S ESMQ451VSN391MR40S ESMQ451VSN471MR45S ESMQ451VSN561MR50S ESMQ451VSN221MA25S ESMQ451VSN331MA30S ESMQ451VSN391MA35S ESMQ451VSN471MA40S ESMQ451VSN561MA45S
30 30 30 30 30 30 35 35 35 35 35 22 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35
25 30 35 35 40 50 30 30 35 40 45 25 25 30 35 40 45 50 25 30 40 40 50 30 30 40 40 45 50 25 30 35 40 45
R25 R30 R35 R35 R40 R50 A30 A30 A35 A40 A45 P25 P25 P30 P35 P40 P45 P50 Q25 Q30 Q40 Q40 Q50 R30 R30 R40 R40 R45 R50 A25 A30 A35 A40 A45
1.507 1.228 1.005 0.85 0.705 0.592 1.005 0.85 0.705 0.592 0.488 4.043 3.316 2.763 2.21 1.842 1.507 1.228 2.21 1.842 1.507 1.228 1.005 1.507 1.228 1.005 0.85 0.705 0.592 1.507 1.005 0.85 0.705 0.592
SNAP MOUNT 85 C
450 Volts
500 Volts Surge
SMQ
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7


▲Up To Search▲   

 
Price & Availability of ESMQ201VSN102MA25S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X